Part Number Hot Search : 
B3916 LPC1313 HE13002 10030 S5F325NU 68HC0 B3916 10191
Product Description
Full Text Search
 

To Download UCJ1V100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CJ
Chip Type, High Reliability. Low temperature ESR specification.
series
Chip type, high temperature range, for +125C use. Added ESR specification after the test at - 40C (6.3 sizes provide only for the first stage. ) Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
CJ
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Added ESR specification at - 40C
UB
Performance Characteristics
- 40 ~ +125C 10 ~ 50V 10 ~ 470F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4(A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
10 0.32
16 0.24 10 12
25 0.21 16 8 25 6
35 0.18 35 4
50 0.18 50 4
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
Z- 40C / Z+20C
Endurance
After 2000 hours' application of rated voltage at 125C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of intial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 125C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
Series
0.5
fD
C0.2
B0.2
0.5MAX.
Voltage( C : 16V )
(6.3 x 8.7)
Plastic platform 0.3MAX.
Positive
A0.2 A0.2
Type numbering system (Example : 10V 100F)
UC J 1 A 1 0 1 MCL 1GS
Taping code Configuration Capacitance tolerance (20%) Rated Capacitance (100mF) Rated voltage (10V) Series name Type
1 2 3 4 5 6 7 8 9 10 11 12 13 14
A2 47C CJ
Lot No. Voltage( V : 35V ) Trade mark
Capacitance
L0.3 Plastic platform 0.3MAX.
0.5 B0.2
H C0.2
0.5MAX.
(8 x 10, 10 x 10)
E
Negative Positive
A0.2 A0.2
fD
Series
fD
Lot No.
Capacitance
L0.5
H
16 1C
Negative
A B C E L H
25 1E
A2 100V CJ
L 6.38.7
810 1010 2.4 2.9 3.2 6.6 8.3 10.3 6.6 8.3 10.3 2.2 3.1 4.5 8.7 10 10 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
(mm)
Dimensions
Cap.(F) V Code
10 1A
E
10 22 33 47 100 220 330 470
100 220 330 470 101 221 331 471
6.3 x 8.7 8 x 10 10 x 10 10 x 10
14 2.0 1.5 1.5
95 6.0 250 4.5 400 4.5 400
6.3 x 8.7 8 x 10 10 x 10 10 x 10
14 2.0 1.5 1.5
95 6.0 250 4.5 400 4.5 400
6.3 x 8.7 6.3 x 8.7 6.3 x 8.7 8 x 10 10 x 10 10 x 10
14 14 14 2.0 1.5 1.5
6.3 x 8.7 95 6.3 x 8.7 95 6.3 x 8.7 95 6.3 x 8.7 6.0 250 10 x 10 4.5 400 10 x 10 4.5 400
35 1V 14 14 14 14 1.5 1.5
95 6.3 x 8.7 95 6.3 x 8.7 8 x 10 95 95 10 x 10 4.5 400 10 x 10 4.5 400 Case size
Dx L (mm)
50 1H 14 14 2.0 1.5 1.5
95 95 6.0 200 4.5 330 4.5 330 Rated ripple
after Initial torture test
ESR
Max. ESR () at -40C 100kHz, Rated Ripple (mArms) at 125C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz~ 1.00
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V-2


▲Up To Search▲   

 
Price & Availability of UCJ1V100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X